Part Number Hot Search : 
IN4048R CL155A 11R474C SMCJ75 2SD23 AN1088 BH011 MS110
Product Description
Full Text Search
 

To Download FF-1237-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FF-1237-10
The FF-1237-10 is a 3 phase delta filter designed to work with motors controls or other 3ph power conversion systems. The filter is configured to function in systems designed to meet the FCC requirements and EN55022. The "flying leads" provide for easy field or production line connections. Variation in lead lengths are available. If you require an adjustment to the lead length, please contact our engineering department for assistance at info@jmkfilters.com or call us at 603 886-4100. Operating Voltage = 250/480VAC Operating Current = 3 10 amperes Operating Frequency = 50/60 Hz Operating Temperature = -20 to 50 deg. C Dielectric Withstanding (Line-Ground) = 1500 VDC for 1 minute Dielectric Withstanding (Line to Line) = 1500 VDC for 1 minutes Leakage Current = 2.0 mA per line @ 250 VAC, 50Hz Residual Voltage (Max after 1 sec.) = 42 Volts Agency Approvals UL, CSA
USA EUR
JMK Inc 15 Caldwell Dr. Amherst, NH 03031 JMK Inc Glasgow G13 1DN Scotland UK
PH: 603 886-4100 FX: 603 886-4115 email: info@jmkfilters.com PH: 44-(0) 7785310729 Fax: 44-(0) 141 589 1884


▲Up To Search▲   

 
Price & Availability of FF-1237-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X